Part Number Hot Search : 
AM2305 16004G 15014 PQ100 CLM4041 08976 LU7807 LHF40V11
Product Description
Full Text Search
 

To Download 1F1304-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model 1F1304-3
Rev. B
Hybrid Couplers 3 dB, 90
Description
The 1F1304-3S is a low profile 3dB hybrid coupler in an easy to use surface mount package covering 470 to 860 MHz. The 1F1304-3S is ideal for balanced amplifiers and signal distribution and can be used in most high power designs. Parts have been subjected to rigorous qualification testing and units are 100% tested. They are manufactured using materials with x and y thermal expansion coefficients compatible with common substrates such as FR4, G-10 and polyimide. Available in both 5 of 6 tin lead (1F13043) and 6 of 6 tin immersion (1F1304-3S) RoHS compliant finishes.
ELECTRICAL SPECIFICATIONS** Features:
* * * * * * * * * 470 - 860 MHz Low loss High Isolation 90o Quadrature Surface Mountable Tape And Reel Convenient Package 100% Tested Lead Free Available Frequency
MHz
Isolation
dB Min
Insertion Loss
dB Max
VSWR
Max:1
470 - 860 Amplitude Balance
dB Max
21 Phase Balance
Degrees
0.40 Power
Ave. CW Watts
1.25 JC
C/ Watt
Operating Temp.
C
0.50
3
100
8.6
-55 to +85
**Specification based on performance of unit properly installed on microstrip printed circuit boards with 50 nominal impedance. Specifications subject to change without notice.
Outline Drawing
.650.010 [16.510.25] Pin 1
.075.008 [1.910.20] Pin 2 Pin 2
4x .024.004 [0.610.10]
Pin 1 4x .024.004 [0.610.10]
.480.010 [12.190.25] GND Pin 4 Denotes Array Number Pin 3
.380.004 [9.650.10] GND Pin 3
4x .050.008 SQ [1.270.20] .550.004 [13.970.10]
Pin 4
Dimensions are in Inches [Millimeters] 1F1304-3* Mechanical Outline
* For RoHS Compliant Versions order with S suffix Tolerances are Non-Cumulative
Available on Tape and Reel For Pick and Place Manufacturing.
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 544-2414 +44 2392-232392
Model 1F1304-3
Rev. B
Typical Performance: 400 MHz. to 900 MHz.
Coupling 11304-3S
-2.6
Return Loss 11304-3S
0
-10
-2.9
Return Loss (dB)
Coupling (dB)
-20
-3.2
-30
-3.5
-40
-3.8 400
575
750
925
1100
-50 400
575
750
925
1100
Frequency (MHz)
Isolation 11304-3S
-10
-87
Frequency (MHz)
Phase Balance 11304-3S
-88
-20
Phase Balance (Degrees)
Isolation (dB)
-89
-30
-90
-91
-40
-92
-50 400
-93
575
750
925
1100
400
575
750
925
1100
Frequency (MHz)
Frequency (MHz)
Pin Configuration
Mounting Footprint
To ensure proper electrical and thermal performance there must be a ground plane with 100% solder connection underneath the part
Part Is Symmetric About All Axis Mutiple plated thru holes to ground .550 [13.97]
.380 [9.65] .034 TYP [0.86] .063 SQ TYP [1.60] 50 Transmission Line
Dimensions are in Inches [Millimeters] 1F1304-3* Mechanical Footprint
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 544-2414 +44 2392-232392
Available on Tape and Reel For Pick and Place Manufacturing.


▲Up To Search▲   

 
Price & Availability of 1F1304-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X